PART |
Description |
Maker |
MAW01-12S05 MAW01-12S12 MAW01-05S05 MAW01-05D12 MA |
DC/DC CONVERTER 1W Compact SIP-6 Package Wide 2:1 Input Range
|
Minmax Technology Co., Ltd.
|
WRF2405S-3WR2 WRE0512S-3WR2 WRF0505S-3WR2 WRF0509S |
Ultra-Miniature SIP Package Ultra-Miniature SIP Package
|
RSG Electronic Components GmbH RSG Electronic Componen...
|
10BF20 10BF80 10BF10 10BF40 10BF60 10BF100 10BF100 |
DIODE 1 A, 600 V, SILICON, SIGNAL DIODE, DO-214AA, PLASTIC, SMB, 2 PIN, Signal Diode SURFACE MOUNTABLE ULTRAFAST RECOVERY DIODE 表面贴装超快恢复二极 1000V 1A Ultra-Fast Discrete Diode in a SMB package 100V 1A Ultra-Fast Discrete Diode in a SMB package 200V 1A Ultra-Fast Discrete Diode in a SMB package 400V 1A Ultra-Fast Discrete Diode in a SMB package 600V 1A Ultra-Fast Discrete Diode in a SMB package 800V 1A Ultra-Fast Discrete Diode in a SMB package
|
Vishay Semiconductors International Rectifier, Corp. IRF[International Rectifier]
|
EF2-1.5NU EF2-1.5T EF2-1.5TNUX EF2-12NUH EF2-12TNU |
Ultra-low power/ compact and lightweight/ High breakdown voltage/ Surface mounting type A/D Converter (A-D) IC; Resolution (Bits):24; ADC Sample Rate:192kSPS; Input Channels Per ADC:2; Input Channel Type:Differential Inputs; Data Interface:Serial; Package/Case:24-SOIC; Interface Type:Serial POWER/ENERGY MEASURE, SMD, SSOP28; Pins, No. of:28; Case style:SSOP; Base number:5467; Termination Type:SMD RoHS Compliant: Yes Marker Strip; External Height:.135"; External Width:1.13"; Label Material:Vulcanized Fiber 超低功耗,结构紧凑,重量轻,高击穿电压,表面安装型 Ultra-low power, compact and lightweight, High breakdown voltage, Surface mounting type 超低功耗,结构紧凑,重量轻,高击穿电压,表面安装型 CONNECTOR ACCESSORY 连接器附 Ultra-low power, compact and lightweight, High breakdown voltage, Surface mounting type
|
NEC Corp. NEC, Corp.
|
OM5007ST OM5005ST OM5006ST OM5002ST OM5001ST OM500 |
15 Amp, 50 To 600 Volts, 35 To 50 ns trr 100V 15A Hi-Rel Ultra-Fast Discrete Diode in a T-2 package 15 AMP ULTRA FAST RECTIFIER IN SMALL HERMETIC PACKAGE 600V 15A Hi-Rel Ultra-Fast Discrete Diode in a T-2 package 150V 15A Hi-Rel Ultra-Fast Discrete Diode in a T-2 package
|
IRF[International Rectifier]
|
D106VHI D116VHI D100VHI D102VHI D112VHI D111VHI D1 |
Miniature, 1W SIP Ultra-High Isolation DC/DC Converters
|
MicroPower Direct, LLC
|
D202RU D217RU D213RU D211RU D200RU D201RU |
Miniature SIP, 2W Ultra-Wide 4:1 Input DC/DC Converters
|
MicroPower Direct, LLC
|
E213E |
Low Cost, 2W Ultra-Miniature SIP DC/DC Converters
|
MicroPower Direct, LLC
|
MPS-03 MPS-03S-03 MPS-03S-05 MPS-03S-09 MPS-03S-12 |
Single Output, 3W Ultra-Miniature SIP AC/DC Power Supplies
|
MicroPower Direct, LLC
|
OM5234ST OM5203DT OM5203RT OM5203ST OM5233DT OM523 |
16 Amp, 50 To 600 Volts, 35 To 50 ns trr 600V 16A Hi-Rel Ultra-Fast Common Cathode Diode in a TO-257AA package 600V 16A Hi-Rel Ultra-Fast Common Cathode Diode in a D2 package 200V 16A Hi-Rel Ultra-Fast Common Cathode Diode in a TO-257AA package 50V 16A Hi-Rel Ultra-Fast Common Cathode Diode in a D2 package 50V 16A Hi-Rel Ultra-Fast Common Cathode Diode in a TO-257AA package Center-Tapped Positive (CC) HS Rectifier From old datasheet system HERMETIC JEDEC TO-257AA HIGH EFFICIENCY, CENTER-TAP RECTIFIER SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 400V 16A Hi-Rel Ultra-Fast Common Cathode Diode in a D2 package 8 A, SILICON, RECTIFIER DIODE, TO-257AA HERMETIC SEALED, METAL, TO-257AA, 3 PIN
|
List of Unclassifed Manufac... International Rectifier List of Unclassifed Manufacturers Omnirel Corp ETC[ETC] Electronic Theatre Controls, Inc. List of Unclassifed Man...
|